Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318Q Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5318Q
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318Q Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318Q Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
6 / 28
Copyright © 2015, Injoinic Corp.
IP2707
2
√
√
√
-
√
√
√
√
√
-
-
QFN16
IP2716
1
√
√
√
√
√
-
1.1
√
-
√
√
QFN32
3. Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Input Voltage Range
VIN, VBUS
-0.3 ~ 16
V
Junction Temperature Range
TJ
-40 ~ 150
℃
Storage Temperature Range
Tstg
-60 ~ 150
℃
Thermal Resistance
(Junction to Ambient)
θJA
26
℃/W
ESD (Human Body Model)
ESD
4
KV
*Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability.
*Voltages are referenced to GND unless otherwise noted.
4. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN, VBUS
4.5
5
14
V
Battery Voltage
Vbat
3.0
3.7
4.5
V
*Devices’ performance cannot be guaranteed when working beyond those Recommended Operating
Conditions.
5. Electrical Characteristics
Unless otherwise specified, TA=25℃,L=2.2uH
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Charging System
Input voltage
VIN
VBUS
4.5
5/7/9/12
13
V
Input Over Voltage
VIN
VBUS
13
14
15
V
Constant
Charge
Voltage
VTRGT
RVSET = NC
4.16
4.2
4.24
V
RVSET = 120k
4.31
4.35
4.39
V
RVSET = 68k
4.36
4.4
4.44
V
RVSET = 10k
4.46
4.5
4.54
V
Charge Current
ICHRG
VIN =5V, input current
2.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com