Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318Q Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5318Q
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318Q Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318Q Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
14 / 28
Copyright © 2015, Injoinic Corp.
Any one of the VOUT1, VOUT2 or USB C port support all the fast charge standards separately, but due to the
single inductor design, only one output are support, only under single port opened situation fast charge is allowed.
Two or more output port open at the same time, fast charge will be disabled automatically.
According to ‘Typical Application Diagram’, when one port is already in fast charge mode, if sink device is
attached on another port (key press action is equal to VOUT1 load attached), all the output port together with the
fast charge mode will be disabled firstly, then open the ports with sink device attached, after which all the ports
only support Apple, Samsung and BC1.2 mode. If the sink device decreased from multiple to one and keep this
situation for 16s, all the output ports will be closed firstly (pay special attention to PCB layout routing for this case,
otherwise will lead to failure on restore of fast charge function, please refer to ‘PCB Layout’), and then the high
voltage fast charge function are enabled, then the output port of the only one sink device attached will be opened,
such that will re-activate the sink device to send fast charge request . when only one port is opened, if the total
power is lower than 300mW for about 32s, the output port and discharge will be closed and the system enters low
standby mode.
Charging:
When power are applied on either VIN or VBUS port can activate the IP5328P enter charging process, if both
ports are applied at the same time, USB C port power will be used for charging in priority.
if additional input fast charge IC are needed, 2 back-to-back PMOS should be applied on the added input port
for power partition control, in case current flow from high voltage port to low voltage port when two ports
attached at the same time.
In single port charging mode, the fast charge mode can be distinguished automatically, appropriate voltage
and current will be auto matched.
Standard solution do not support charging the sink device and battery at the same time, during charging
mode, even if sink devices are attached on the output port, the output port will not be opened. But if battery is
fully charged and the charging power supply is not detached, IP5328P will open the output port for the sink device
on the premise of 5V voltage on the charging port.
Charging and discharging at the Same Time (Customized Solution):
In this customized solution, RSET function is not available; the RSET is redefined as an indicator of this
customized mode. If IP5328P are in charging the battery and sink device at the same time, RSET will output high
voltage, otherwise RSET will output low voltage.
When the charging power supply and sink device are attached at the same time, IP5328P will charge the
battery and sink device at the same time. Under this mode, IP5328P will disable the input fast charge function ( if
the additional fast charge IC is applied , RSET pin is used to control the enable pin of the additional fast charge IC),
when VSYS is only 5V, the discharge path will be enabled for the sink device. If the VSYS voltage is higher than 5.8V,
for safety consideration, the discharge path will be disabled. To make insurance of the normal charging and high
priority of charging the sink device, IP5328P will increase the charging under voltage threshold to 4.9V.
During the process of charging and discharging at the same time, if the input charging power supply is
unplugged, IP5328P will disable the input charging function and restart the discharge function for the sink device.
For safety consideration and to re-activate the sink device to send fast charge request, the voltage will fall to 0
during this conversion process.
During the process of charging and discharging at the same time, if the discharging sink device is unplugged or the
sink device stop to sink current for 16s, the discharge path will be closed automatically. When all the discharge
paths are disabled and return to single port charge state, the under voltage threshold will be decreased, fast
charge for the power bank will be auto re-activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com