Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4003... Datasheet(PDF) 2 Page - Multicomp Pro

Part # 1N4003...
Description  General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1N4003... Datasheet(HTML) 2 Page - Multicomp Pro

  1N4003... Datasheet HTML 1Page - Multicomp Pro 1N4003... Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Rectifiers
Page <2>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Typical Characteristics
Forward Current Derating Curve
Ambient Temperature (°C)
Forward Characteristics
Forward Voltage (V)
Non-Repetitive Surge Current
Number of Cycles at 60Hz
Reverse Characteristics
Rated Peak Reverse Voltage (%)
Part Number Table
Description
Part Number
Diode, 1 A, 50V Reel 5K
1N4001 R0
Diode, 1 A, 100 V Reel 5K
1N4002 R0
Diode, 1 A, 200 V Reel 5K
1N4003 R0
Diode, 1 A, 800 V Reel 5K
1N4006 R0
Diode, Standard, 1 A, 50 V
1N4001
Diode, Standard, 1 A, 100 V
1N4002
Diode, Standard, 1 A, 200 V
1N4003
Diode, Standard, 1 A, 600 V
1N4005
Diode, Standard, 1 A, 800 V
1N4006
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com