Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4003... Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1N4003...
Description  General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1N4003... Datasheet(HTML) 1 Page - Multicomp Pro

  1N4003... Datasheet HTML 1Page - Multicomp Pro 1N4003... Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Rectifiers
Page <1>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• Low forward voltage drop
• High current capability
DO-41
Colour Band Denotes Cathode
Dimensions : Inches (Millimetres)
Absolute Maximum Ratings* T
A = 25°C unless otherwise noted
Parameter
Symbol
Value
Units
Average Rectified Current 0.375 Inches Lead Length at TA = 75°C
IO
1
A
Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave
Superimposed on Rated Load (JEDEC Method)
if (surge)
30
Total Device Dissipation
Derate above 25°C
PD
2.5
20
W
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
50
°C/W
Storage Temperature Range
Tstg
-55 to +175
°C
Operating Junction Temperature
TJ
-55 to +150
*These Ratings are Limiting Values above Which the Serviceability of Any Semiconductor Device may be Impaired.
Electrical Characteristics T
A = 25°C unless otherwise noted
Parameter
Device
Unit
4001
4002
4003
4005
4006
Peak Repetitive Reverse Voltage
50
100
200
600
1,000
V
Maximum RMS Voltage
35
70
140
420
700
DC Reverse Voltage (Rated VR)
50
100
200
600
1,000
Maximum Reverse Current at Rated VR
TA = 25°C
TA = 100°C
5
500
µA
Maximum Forward Voltage at 1 A
1.1
V
Maximum Full Load Reverse Current, Full Cycle TA = 75°C
30
µA
Typical Junction Capacitance VR = 4 V, f = 1 MHz
15
pF


Similar Part No. - 1N4003...

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4003 PHILIPS-1N4003 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4003 SURGE-1N4003 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4003 TRSYS-1N4003 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4003 WTE-1N4003 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results

Similar Description - 1N4003...

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com