Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 2 Page - Multicomp Pro

Part # FR207
Description  Diode Fast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FR207 Datasheet(HTML) 2 Page - Multicomp Pro

  FR207 Datasheet HTML 1Page - Multicomp Pro FR207 Datasheet HTML 2Page - Multicomp Pro FR207 Datasheet HTML 3Page - Multicomp Pro FR207 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
08/02/13
Diode
Fast
Type Number
Symbol
FR203
FR205
FR207
Units
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance
R
θJA
R
θJL
R
θJC
60
18
5
°C/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
Tstg
Note: 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A.
Note: 2. Measured at 1MHz and Applied Reverse Voltage of 4V DC.
Note: 3. Mount on Cu-Pad Size 10mm × 10mm on PCB.
Ratings and Characteristic Curves (FR203, FR205 and FR207)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com