Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 1 Page - Multicomp Pro

Part # FR207
Description  Diode Fast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FR207 Datasheet(HTML) 1 Page - Multicomp Pro

  FR207 Datasheet HTML 1Page - Multicomp Pro FR207 Datasheet HTML 2Page - Multicomp Pro FR207 Datasheet HTML 3Page - Multicomp Pro FR207 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
08/02/13
Diode
Fast
Features:
• High efficiency, Low VF
• High current capability
• High reliability
• High surge current capability
• Low power loss
Specifications:
Mechanical Data:
Cases
: Moulded plastic
Lead
: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed
Polarity
: Colour band denotes cathode end
High temperature soldering guaranteed
: 260°C/10 seconds/0.375ʺ, (9.5mm) lead lengths at 5lbs., (2.3kg) tension
Weight
: 0.4g
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
FR203
FR205
FR207
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
600
1,000
V
Maximum RMS Voltage
Vrms
140
420
700
Maximum DC Blocking Voltage
Vdc
200
600
1,000
Maximum Average Forward Rectified
Current 0.375ʺ (9.5mm) Lead Length
at Ta = 55°C
I(av)
2
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
Ifsm
60
Maximum Instantaneous Forward Voltage
at 1A
Vf
1.2
V
Maximum DC Reverse Current at Ta = 25°C
at Rated DC Blocking Voltage at Ta = 125°C
Ir
5
150
10
400
μA
μA


Similar Part No. - FR207

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR207 WTE-FR207 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR207 RECTRON-FR207 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207 JGD-FR207 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR207 BYTES-FR207 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR207 DCCOM-FR207 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR207

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
logo
Infineon Technologies A...
D450S INFINEON-D450S Datasheet
160Kb / 5P
Schnelle Diode Fast Diode
2010-01-18 revision:3.1
D650S INFINEON-D650S Datasheet
151Kb / 6P
Schnelle Diode Fast Diode
2009-03-16 revision:1.0
D690S INFINEON-D690S Datasheet
170Kb / 6P
Schnelle Diode Fast Diode
2008-09-15 revision:3.0
logo
Renesas Technology Corp
RJU60C1SDPD RENESAS-RJU60C1SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ Datasheet
87Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com