Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16-LMS1-2AB Datasheet(PDF) 2 Page - Multicomp Pro

Part # D16-LMS1-2AB
Description  Push Button Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

D16-LMS1-2AB Datasheet(HTML) 2 Page - Multicomp Pro

  D16-LMS1-2AB Datasheet HTML 1Page - Multicomp Pro D16-LMS1-2AB Datasheet HTML 2Page - Multicomp Pro D16-LMS1-2AB Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
07/05/20
Push Button Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Lens, Blue, Round, 18mm, for D16
50-001-01
Lens, Green, Round, 18mm, for D16
50-001-02
Lens, Orange, Round, 18mm, for D16
50-001-03
Lens, Red, Round, 18mm, for D16
50-001-04
Lens, White, Round, 18mm, for D16
50-001-05
Lens, Yellow, Round, 18mm, for D16
50-001-06
Rectangular
Dimensions : Millimetres
Part Number Explanation
Basic Type
: D16 = Ø16 mm.
Functions
: LM = Soldering type pushbutton switches with momentary action
LA = Soldering type pushbutton switches with alternate action.
Pushbutton Head :
R1
S1
T1
Contact Arrange : 1AB = 1 NO + 1 NC, 2AB = 2 NO + 2 NC
Lens
Round (Concave)
Rectangular
Square
Part Number Table
Description
Part Number
Lens, Blue, 18mm × 18mm, for D16
50-003-01
Lens, Green, 18mm × 18mm, for D16
50-003-02
Lens, Orange, 18mm × 18mm, for D16
50-003-03
Lens, Red, 18mm × 18mm, for D16
50-003-04
Lens, White, 18mm × 18mm, for D16
50-003-05
Lens, Yellow, 18mm × 18mm, for D16
50-003-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com