Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16-LMS1-2AB Datasheet(PDF) 1 Page - Multicomp Pro

Part # D16-LMS1-2AB
Description  Push Button Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

D16-LMS1-2AB Datasheet(HTML) 1 Page - Multicomp Pro

  D16-LMS1-2AB Datasheet HTML 1Page - Multicomp Pro D16-LMS1-2AB Datasheet HTML 2Page - Multicomp Pro D16-LMS1-2AB Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
07/05/20
Push Button Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Round
Square
Rectangular
Specifications
Switch System
: Each contact block has one double break snap action switching mechanism
Switch Mode
: Momentary or alternate action, 1-4 poles
Contact Material
: Soldering type-silver is standard; socket type-pin with golden plating
Body Material
: High-grade temperature thermoplastic
Contact housing moulded in electrical high-grade thermosetting plastic
Operating Travel
: 3mm
Actuating Force
: 2-5 N depending on number of contact block
Mechanical Lifetime
: > 2 million operations
Electric Rating
: 250V AC 5A, 125V AC 8A, 250V DC 0.2A and 24V DC 6A
Round
Square


Similar Part No. - D16-LMS1-2AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D16-LMS1-2AB ETC2-D16-LMS1-2AB Datasheet
166Kb / 4P
Push Button Switches
More results

Similar Description - D16-LMS1-2AB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1040 E-SWITCH-PS1040 Datasheet
55Kb / 1P
PANEL MOUNT PUSH BUTTON SWITCHES
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Littelfuse
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com