Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE6559 Datasheet(PDF) 7 Page - CRE Semiconductor Inc.

Part # CRE6559
Description  Current Mode PWM Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE6559 Datasheet(HTML) 7 Page - CRE Semiconductor Inc.

  CRE6559 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 8Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 9Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CRE6559 FREQ SHUFFLING
CRE6559 FREQ SHUFFLING
The CRE6559 is a low power off-line PWM Switcher
optimized
for
o f f -line
fly
back
c onverter
applications in sub 30W power range. The
”Extended burst mode” control greatly reduces the
standby power consumption and help the design
easily to meet the international power conservation
requirements.
Startup current of CRE6559 is designed to be very
low so that VDD could be charged up above UVLO
threshold level and device starts up quickly. A large
value startup resistor can therefore be used to
minimize the power loss yet achieve a reliable
startup in application. For AC/DC adaptor with
universal input range design, a 2M , 1/8Wstartup
resistor could be used together with a VDD
capacitor to provide a fast startup and yet low
power dissipation design solution.
Ω
The Operating current of CRE6559 is low at
2mA.Good efficiency is achieved with CRE6559low
operating current together with the “Extended burst
mode” control features.
CRE6359 features an internal 4ms soft start to
soften the electrical stress occurring in the power
supply during startup. It is activated during the
power on sequence. As soon as VDD reaches
UVLO(OFF), the peak current is gradually increased
from nearly zero to the maximum level of 0.83V,
Every restart up is followed by a soft start.
The frequency Shuffling (switching frequency
modulation) is implemented in CRE6559. The
oscillation frequency is modulated so that the tone
energy is spread out.. The spread spectrum
minimizes the conduction band EMI and therefore
eases the system design.
At light load or zero load condition, most of the
power dissipation in a switching mode power
supply is from switching loss on the mosfet, the
core loss of the ransformer and the loss on the
snubber circuit. The magnitude of power loss is in
proportion to the switching frequency. Lower
switching frequency leads to the reduction on the
power loss and thus conserves the energy. The
switching frequency is internally adjusted at no
load or light load condition.
The switch frequency reduces at light/no load
condition to improve the conversion efficiency. At
light load or no load condition, the FB input drop
below burst mode threshold level and device
enters Burst Mode control.
The Gate drive output switches only when VDD
voltage drop below a preset level and FB input is
active to output an on state. Otherwise the gate
drive remains at off state to minimize the switching
loss and reduces the standby power consumption
to the greatest extend.The switching frequency
control also eliminates the audio noise at any
loading conditions.
The switching frequency of CRE6559 is internally
fixed at 65KHZ. No external frequency setting
components a re required for P CB design
simplification
Cycle-by-Cycle c urrent limiting is offered i n
CRE6559 current mode PWM control. The switch
current is detected by a sense resistor into the sense
pin. An internal leading edge blanking circuit chops
off the sensed voltage spike at initial internal power
MOSFETon state due to snubber diode reverse
recovery and surge gate current of internal power
MOSFET so that the external RC filtering on sense
input is no longer needed. The current li comparator
is disabled and cannot turn off the blanking period.
The PWM duty cycle is determined by the current
sense input voltage and the FB input
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com