Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE6559 Datasheet(PDF) 8 Page - CRE Semiconductor Inc.

Part # CRE6559
Description  Current Mode PWM Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE6559 Datasheet(HTML) 8 Page - CRE Semiconductor Inc.

  CRE6559 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 8Page - CRE Semiconductor Inc. CRE6559 Datasheet HTML 9Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Built-in slope compensation circuit adds voltage
ramp onto the current sense input voltage for PWM
generation. This greatly improves the close loop
stability at CCM and prevents the sub-harmonic
oscillation and thus reduces the output ripple
voltage.
The internal power MOSFET in CRE6559 is driven
by a dedicated gate driver for power switch control.
Too weak the gate drive strength results in higher
conduction and switch loss of MOSFET while too
strong gate drive results the compromise of EMI. A
good tradeoff is achieved through the built-in totem
pole gate design with right output strength and dead
time control. The low idle loss and good EMI system
design is easier to achieve with this dedicated
control scheme. In addition to the gate drive control
scheme mentioned, the gate drive strength can also
be adjusted externally by a resistor connected
between VDD and VDDG, the falling edge of the
Drain output can be well controlled. It provides
great flexibility for system EMI design.
Good power supply system reliability is achieved
with its rich protection features including Cycle-
by-Cycle c urrent limiting(OCP),Over Load
Protection(OLP)and over voltage clamp,
UnderVoltage Lockout onVDD(UVLO). With
Proprietary technology, the OCP is line voltage
range. At overload condition when FB input
voltage exceeds power limit threshold value for
more than TD_PL, control circuit reacts to shut
down the switcher. Switcher restarts when VDD
voltage drop below UVLO limit. VDD is supplied
by transformer auxiliary winding output. It is
clamped when VDD is higher than 30V .The output
of CRE6559 is shut down when VDD drop below
UVLO_ON limit and Switcher enters power on
start-up sequence.
CRE6559 FREQ SHUFFLING
CRE6559 FREQ SHUFFLING
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com