Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS23 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS23
Description  CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS23 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS23 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS23 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22 THRU SS210
CURRENT 2.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· For surface mount applications
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals
· Case : JEDEC SMA(DO-214AC) molded plastic body
· Terminals : Solder Plate, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.002 ounce, 0.064 gram
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance junction to ambient
Symbols
SS22
Units
Maximum repetitive peak reverse voltage
VRRM
20
Volts
Maximum RMS voltage
VRMS
0.55
0.85
0.70
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
2.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
50.0
Amps
Amps
Maximum instantaneous forward voltage
at 2.0A (Note 1)
VF
1.0
Volts
TA=25℃
20
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
mA
Typical thermal resistance
75
℃/W
Operating junction temperature range
℃
IR
IFSM
RθJA
TJ
Volts
14
20
Storage temperature range
TSTG
-50 to +125
-65 to +150
℃
(Note 2)
SS23
30
21
30
SS24
40
28
40
SS25
50
35
50
SS26
60
42
60
SS28
80
56
80
SS29
90
63
90
SS210
100
70
100
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)


Similar Part No. - SS23

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS23 ZOWIE-SS23 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS23 JGD-SS23 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS23 SSE-SS23 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS23 GE-SS23 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS23 MCC-SS23 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SS23

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SB220 DAESAN-SB220 Datasheet
367Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SBP1020 DAESAN-SBP1020 Datasheet
381Kb / 2P
CURRENT 10.0Amperes VOLTAGE 20 to 100 Volts
SBP1620 DAESAN-SBP1620 Datasheet
375Kb / 2P
CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
SK22 DAESAN-SK22 Datasheet
261Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com