Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP85
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP85 Datasheet HTML 1Page - Sumida Corporation CDEP85 Datasheet HTML 2Page - Sumida Corporation CDEP85 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP85
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification
1. Low D.C.R Type
Saturation Current
(
A)Max.(Typ.) ※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDEP85NP-R5ØM□-125
R50ML
0.5μH±20%
2.5(2.1)
12.0(15.0)
10.4(13.0)
18.0
CDEP85NP-1R1M□-125
1R1ML
1.1μH±20%
3.4(2.8)
7.8(9.8)
6.8(8.5)
17.0
CDEP85NP-2RØM□-125
2R0ML
2.0μH±20%
4.8(4.0)
5.3(6.6)
4.7(5.9)
13.5
CDEP85NP-3R1M□-125
3R1ML
3.1μH±20%
7.0(5.9)
4.4(5.5)
3.7(4.6)
10.8
CDEP85NP-4R5M□-125
4R5ML
4.5μH±20%
8.1(6.8)
3.6(4.5)
3.2(4.0)
9.7
CDEP85NP-6R1M□-125
6R1ML
6.1μH±20%
9.8(8.2)
3.4(4.2)
2.9(3.6)
8.3
CDEP85NP-8RØM□-125
8R0ML
8.0μH±20%
11.7(9.8)
2.9(3.6)
2.6(3.2)
7.5
CDEP85NP-1ØØM□-125
100ML
10.0μH±20%
15.1(12.6)
2.6(3.2)
2.2(2.8)
6.5
2. Standard Type
Saturation Current
(
A)Max.(Typ.) ※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDEP85NP-R35M□-88
R35MS 0.35μH±20%
2.5(2.1)
18.4(23.0)
15.2(19.0)
18.0
CDEP85NP-R8ØM□-88
R80MS
0.8μH±20%
3.4(2.8)
11.4(14.2)
10.0(12.5)
17.0
CDEP85NP-1R4M□-88
1R4MS
1.4μH±20%
4.8(4.0)
8.8(11.0)
7.6(9.5)
13.5
CDEP85NP-2R2M□-88
2R2MS
2.2μH±20%
7.0(5.9)
7.0(8.7)
5.8(7.3)
10.8
CDEP85NP-3R2M□-88
3R2MS
3.2μH±20%
8.1(6.8)
5.8(7.2)
5.0(6.2)
9.7
CDEP85NP-4R3M□-88
4R3MS
4.3μH±20%
9.8(8.2)
5.0(6.2)
4.1(5.1)
8.3
CDEP85NP-5R6M□-88
5R6MS
5.6μH±20%
11.7(9.8)
4.3(5.4)
3.6(4.5)
7.5
CDEP85NP-7R1M□-88
7R1MS
7.1μH±20%
15.1(12.6)
3.8(4.8)
3.3(4.1)
6.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com