Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP85
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP85 Datasheet HTML 1Page - Sumida Corporation CDEP85 Datasheet HTML 2Page - Sumida Corporation CDEP85 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP85
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
3. High Power Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDEP85NP-R2ØM□-5Ø R20MH 0.20μH±20%
2.5(2.1)
32.0(40.0)
26.0(32.5)
18.0
CDEP85NP-R45M□-5Ø R45MH 0.45μH±20%
3.4(2.8)
22.0(27.5)
18.0(22.5)
17.0
CDEP85NP-R8ØM□-5Ø R80MH 0.80μH±20%
4.8(4.0)
16.0(20.0)
13.2(16.5)
13.5
CDEP85NP-1R2M□-5Ø 1R2MH 1.2μH±20%
7.0(5.9)
12.8(16.0)
10.6(13.2)
10.8
CDEP85NP-1R8M□-5Ø 1R8MH 1.8μH±20%
8.1(6.8)
10.8(13.5)
8.8(11.0)
9.7
CDEP85NP-2R4M□-5Ø 2R4MH 2.4μH±20%
9.8(8.2)
9.3(11.6)
7.7(9.6)
8.3
CDEP85NP-3R2M□-5Ø 3R2MH 3.2μH±20%
11.7(9.8)
8.0(10.0)
6.5(8.1)
7.5
CDEP85NP-4RØM□-5Ø 4R0MH 4.0μH±20%
15.1(12.6)
7.2(9.0)
5.9(7.4)
6.5
※
Description of part name
CDEP85NP-R2ØM□-5Ø
※
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
※
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com