Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP104 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP104
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP104 Datasheet HTML 1Page - Sumida Corporation CDEP104 Datasheet HTML 2Page - Sumida Corporation CDEP104 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: CDEP104, CDEP104B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
POWER INDUCTORS <SMD Type: CDEP Series>
◆
Specification(CDEP104)
1.Low D.C.R. type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
rise
current
(A) ※2
CDEP1Ø4NP-ØR3N□-88 0R3NL
0.36μH±30%
2.2(1.8)
24.2
20.8
18.0
CDEP1Ø4NP-ØR8M□-88 0R8ML
0.8μH±20%
3.7(3.1)
16.2
14.0
13.4
CDEP1Ø4NP-1R4M□-88 1R4ML
1.4μH±20%
5.9(4.9)
12.2
10.5
10.2
CDEP1Ø4NP-2R2M□-88 2R2ML
2.2μH±20%
11.8(9.8)
9.8
8.6
7.3
CDEP1Ø4NP-3R2M□-88 3R2ML
3.2μH±20%
18.6(15.5)
8.1
7.0
5.4
CDEP1Ø4NP-4R3M□-88 4R3ML
4.3μH±20%
21.8(18.2)
7.0
6.0
5.0
2.Standard type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP1Ø4NP-ØR2N□-5Ø
0R2NS
0.22μH±30%
2.2(1.8)
39.6
31.6
18.0
CDEP1Ø4NP-ØR4M□-5Ø 0R4MS 0.45μH±20%
3.7(3.1)
27.6
22.1
13.4
CDEP1Ø4NP-ØR8M□-5Ø 0R8MS
0.8μH±20%
5.9(4.9)
20.7
16.6
10.2
CDEP1Ø4NP-1R3M□-5Ø
1R3MS
1.3μH±20%
11.8(9.8)
16.6
13.3
7.3
CDEP1Ø4NP-1R8M□-5Ø
1R8MS
1.8μH±20%
18.6(15.5)
13.3
10.7
5.4
CDEP1Ø4NP-2R5M□-5Ø
2R5MS
2.5μH±20%
21.8(18.2)
11.8
9.5
5.0
※
Description of part name
CDEP1Ø4NP-ØR2N□-5Ø
※
1 Saturation current: The DC current at which the inductance decreases to 65%
(for the inductance tolerance :±30%) or 75% (for the inductance tolerance:±20%) of it's nominal.
※
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃. (Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com