Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP104 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP104
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP104 Datasheet HTML 1Page - Sumida Corporation CDEP104 Datasheet HTML 2Page - Sumida Corporation CDEP104 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: CDEP104, CDEP104B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
POWER INDUCTORS <SMD Type: CDEP Series>
◆
Specification(CDEP104B)
Part Name ※ : CDEP1Ø4BNP- ØR4M□
Between(1-2)
Measuring conditions
Inductance
400nH±20%
Within
100kHz
D.C.R.
MAX
.2.9mΩ(TYP.2.4mΩ)
at 20℃
MAX
.28.0A
at 20℃
Saturation Current ※1
MAX
.24.0A
at 100℃
Temperature rise current
※
2
REF
.16.0A
※
Description of part name
※
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
※
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
C
D E P 1 Ø 4 B N P - ØR 4 M □
B
Box
C
Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com