Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1541GG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1541GG
Description  1.3MHz Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541GG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1541GG Datasheet HTML 1Page - Monolithic Power Systems MP1541GG Datasheet HTML 2Page - Monolithic Power Systems MP1541GG Datasheet HTML 3Page - Monolithic Power Systems MP1541GG Datasheet HTML 4Page - Monolithic Power Systems MP1541GG Datasheet HTML 5Page - Monolithic Power Systems MP1541GG Datasheet HTML 6Page - Monolithic Power Systems MP1541GG Datasheet HTML 7Page - Monolithic Power Systems MP1541GG Datasheet HTML 8Page - Monolithic Power Systems MP1541GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1541
1.3MHz Boost Converter
MP1541 Rev.1.5
www.MonolithicPower.com
1
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1541 is a current mode step up
converter intended for small, low power
applications. The MP1541 switches at 1.3MHz
and allows the use of tiny, low cost capacitors
and inductors 2mm or less in height. Internal
soft start results in small inrush current and
extends battery life. The MP1541 operates from
an input voltage as low as 2.5V and can
generate 12V at up to 300mA from a 5V supply.
The MP1541 includes under-voltage lockout,
current limiting, and thermal overload protection
to prevent damage in the event of an output
overload. The MP1541 is available in a small
5-pin TSOT23 package or QFN-8 (2mmX2mm)
package.
FEATURES
On Board Power MOSFET
Uses Tiny Capacitors and Inductors
1.3MHz Fixed Switching Frequency
Internally Compensated
Internal Soft-Start
Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
12V at 300mA from 5V Input
UVLO, Thermal Shutdown
Internal Current Limit
Available in a TSOT23-5 Package or QFN-8
(2mmX2mm) Package
APPLICATIONS
Camera Phone Flash
Handheld Computers and PDAs
Digital Still and Video Cameras
External Modems
Small LCD Displays
White LED Driver
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
100
95
90
85
80
75
70
65
60
55
50
0
75
150 225 300 375 450
LOAD CURRENT (mA)
MP1541-TAC-EC01
Efficiency vs Load Current
VIN = 3.3V
VIN = 5V
VOUT = 12V
VIN = 4.2V


Similar Part No. - MP1541GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1541GG MPS-MP1541GG Datasheet
260Kb / 11P
1.3MHz Boost Converter
Rev.1.5
More results

Similar Description - MP1541GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0077 MPS-EV0077 Datasheet
151Kb / 4P
1.3MHz Low Power Boost Converter
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com