Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N930A. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N930A.
Description  Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N930A. Datasheet(HTML) 1 Page - Multicomp Pro

  2N930A. Datasheet HTML 1Page - Multicomp Pro 2N930A. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
16/09/19
Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Absolute Maximum Ratings:
Collector-Base Voltage, VCBO
: 60V
Collector-Emitter Voltage, VCEO
: 60V
Emitter-Base Voltage, VEBO
: 6V
Continuous Collector Current, IC
: 30mA
Total Device Dissipation (TA = +25°C), PD
: 500mW
Derate above 25°C
: >3.33mW/°C
Total Device Dissipation (TC = +25°C), PD
: 1.8W
Derate above 25°C
: 12mW/°C
Operating Junction Temperature Range, TJ
: -65°C to +200°C
Storage Temperature Range, Tstg
: -65°C to +200°C
Collector-Emitter Breakdown Voltage
V(br)ceo
Ic = 10mA, Ib = 0, Note 1
45
-
V
Collector-Base Breakdown Voltage
V(br)cbo
Ic = 10μA, Ie = 0
80
-
Emitter-Base Breakdown Voltage
V(br)ebo
Ie = 10μA, Ic = 0
6
-
Collector Cut-off Current
Icbo
Vcb = 45V, Ie = 0
-
2
nA
Emitter Cut-Off Current
Iebo
Veb = 5V, Ic = 0
-
2
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
OFF Characteristics
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Note 1. Pulse Test: Pulse Width <= 300μs, Duty Cycle <= 2%.
Description:
A Widely used “Industry Standard” silicon NPN transistor in a TO-18 type case designed for
applications such as medium-speed switching and amplifiers from audio to VHF frequencies.


Similar Part No. - 2N930A.

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N930A BOCA-2N930A Datasheet
144Kb / 4P
AMPLIFIER TRANSISTOR (NPN SILICON)
logo
New Jersey Semi-Conduct...
2N930A NJSEMI-2N930A Datasheet
84Kb / 1P
SI NPN LO-PWR BJT
logo
Continental Device Indi...
2N930A CDIL-2N930A Datasheet
252Kb / 4P
NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
2N930A CENTRAL-2N930A Datasheet
156Kb / 3P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N930A.

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com