Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7553 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7553 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7553 Datasheet HTML 1Page - Texas Instruments DAC7553 Datasheet HTML 2Page - Texas Instruments DAC7553 Datasheet HTML 3Page - Texas Instruments DAC7553 Datasheet HTML 4Page - Texas Instruments DAC7553 Datasheet HTML 5Page - Texas Instruments DAC7553 Datasheet HTML 6Page - Texas Instruments DAC7553 Datasheet HTML 7Page - Texas Instruments DAC7553 Datasheet HTML 8Page - Texas Instruments DAC7553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC7553
SLAS477 – SEPTEMBER 2005
V
DD = 2.7 V to 5.5 V, VREF = VDD, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to 105°C, unless otherwise
specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
12
Bits
Relative accuracy
±0.35
±1
LSB
Differential nonlinearity
Specified monotonic by design
±0.08
±0.5
LSB
Offset error
±12
mV
Zero-scale error
All zeroes loaded to DAC register
±12
mV
Gain error
±0.15
%FSR
Full-scale error
±0.5
%FSR
Zero-scale error drift
7
µV/°C
Gain temperature coefficient
3
ppm of FSR/°C
PSRR
VDD = 5 V
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
Output voltage settling time
RL = 2 kΩ; 0 pF < CL < 200 pF
5
µs
Slew rate
1.8
V/µs
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
Digital-to-analog glitch impulse
1 LSB change around major carry
0.1
nV-s
Channel-to-channel crosstalk
1-kHz full-scale sine wave,
–100
dB
outputs unloaded
Digital feedthrough
0.1
nV-s
Output noise density (10-kHz offset
120
nV/rtHz
frequency)
Total harmonic distortion
FOUT = 1 kHz, FS = 1 MSPS,
–85
dB
BW = 20 kHz
DC output impedance
1
Ω
Short-circuit current
VDD = 5 V
50
mA
VDD = 3 V
20
Power-up time
Coming out of power-down mode,
15
VDD = 5 V
µs
Coming out of power-down mode,
15
VDD = 3 V
REFERENCE INPUT
VREF Input range
0
VDD
V
Reference input impedance
VREFA and VREFB shorted together
50
k
Ω
VREFA = VREFB = VDD = 5 V,
100
250
VREFA and VREFB shorted together
Reference current
µA
VREFA = VREFB = VDD = 3 V,
60
123
VREFA and VREFB shorted together
LOGIC INPUTS(2)
Input current
±1
µA
VIN_L, Input low voltage
IOVDD ≥ 2.7 V
0.3 IOVDD
V
VIN_H, Input high voltage
IOVDD ≥ 2.7 V
0.7 IOVDD
V
Pin capacitance
3
pF
(1)
Linearity tested using a reduced code range of 30 to 4065; output unloaded.
(2)
Specified by design and characterization, not production tested. For 1.8 V < IOVDD < 2.7 V, It is recommended that
VIH = IOVDD, VIL = GND.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com