Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7553 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7553 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7553 Datasheet HTML 1Page - Texas Instruments DAC7553 Datasheet HTML 2Page - Texas Instruments DAC7553 Datasheet HTML 3Page - Texas Instruments DAC7553 Datasheet HTML 4Page - Texas Instruments DAC7553 Datasheet HTML 5Page - Texas Instruments DAC7553 Datasheet HTML 6Page - Texas Instruments DAC7553 Datasheet HTML 7Page - Texas Instruments DAC7553 Datasheet HTML 8Page - Texas Instruments DAC7553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
DAC7553
SLAS477 – SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V, VREF = VDD, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to 105°C, unless otherwise
specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
VDD,, IOVDD(3)
2.7
5.5
V
IDD(normal operation)
DAC active and excluding load current
VDD = 3.6 V to 5.5 V
300
440
VIH = IOVDD and VIL = GND
µA
VDD = 2.7 V to 3.6 V
250
400
IDD (all power-down modes)
VDD = 3.6 V to 5.5 V
0.2
2
VIH = IOVDD and VIL = GND
µA
VDD = 2.7 V to 3.6 V
0.05
2
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = 5 V
93%
(3)
IOVDD operates down to 1.8 V with slightly degraded timing, as long as VIH = IOVDD and VIL = GND.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com