Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBR Datasheet(PDF) 29 Page - Texas Instruments

Part # DIX4192IPFBR
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DIX4192IPFBR Datasheet HTML 25Page - Texas Instruments DIX4192IPFBR Datasheet HTML 26Page - Texas Instruments DIX4192IPFBR Datasheet HTML 27Page - Texas Instruments DIX4192IPFBR Datasheet HTML 28Page - Texas Instruments DIX4192IPFBR Datasheet HTML 29Page - Texas Instruments DIX4192IPFBR Datasheet HTML 30Page - Texas Instruments DIX4192IPFBR Datasheet HTML 31Page - Texas Instruments DIX4192IPFBR Datasheet HTML 32Page - Texas Instruments DIX4192IPFBR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
29
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 25. Register 03: Port A Control Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
AMUTE
AOUTS1
AOUTS0
AM/S
AFMT2
AFMT1
AFMT0
Table 6. Register 03: Port A Control Register 1 Field Descriptions
AFMT[2:0]
Port A Audio Data Format
These bits are used to set the audio input and output data format for Port A. Refer to Audio Serial Port Operation for illustrations of the
supported data formats. Refer to the Audio Serial Ports section of the Electrical Characteristics table and Figure 1 for an applicable timing
diagram and parameters.
AFMT2
AFMT1
AFMT0
Audio Data Format
0
0
0
24-Bit Left-Justified (default)
0
0
1
24-Bit Philips I2S
0
1
0
Unused
0
1
1
Unused
1
0
0
16-Bit Right-Justified
1
0
1
18-Bit Right-Justified
1
1
0
20-Bit Right-Justified
1
1
1
24-Bit Right-Justified
AM/S
Port A Slave and Master Mode
This bit is used to set the audio clock mode for Port A to either Slave or Master.
AM/S
Slave/Master Mode
0
Slave mode; the LRCK and BCK clocks are inputs generated by an external digital audio source. (default)
1
Master mode; the LRCK and BCK clocks are outputs, derived from the Port A master clock source.
AOUTS[1:0]
Port A Output Data Source
These bits are used to select the output data source for Port A. The data is output at SDOUTA (pin 40).
AOUTS1
AOUTS0
Output Data Source
0
0
Port A input, for data loop back. (default)
0
1
Port B input
1
0
DIR
1
1
Reserved
AMUTE
Port A Output Mute
This bit is used to mute the Port A audio data output.
AMUTE
Output Mute
0
Disabled; SDOUTA is driven by the output data source. (default)
1
Enabled; SDOUTA is forced low.
Figure 26. Register 04: Port A Control Register 2
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
ACLK1
ACLK0
ADIV1
ADIV0
Table 7. Register 04: Port A Control Register 2 Field Descriptions
ADIV[1:0]
Port A Master Clock Divider
These bits are used to set the master clock divider for generating the LRCKA clock for Port A when configured for Master mode operation.
BCKA is always set to 64 times the LRCKA clock rate in Master mode.
ADIV1
ADIV0
Master Mode Clock Divider
0
0
Divide-by-128 (default)
0
1
Divide-by-256
1
0
Divide-by-384
1
1
Divide-by-512
ACLK[1:0]
Port A Master Clock Source
These bits are used to set the master clock source for Port A when configured for Master mode operation.
ACLK1
ACLK0
Master Clock Source
0
0
MCLK (default)
0
1
RXCKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com