Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBR Datasheet(PDF) 39 Page - Texas Instruments

Part # DIX4192IPFBR
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DIX4192IPFBR Datasheet HTML 35Page - Texas Instruments DIX4192IPFBR Datasheet HTML 36Page - Texas Instruments DIX4192IPFBR Datasheet HTML 37Page - Texas Instruments DIX4192IPFBR Datasheet HTML 38Page - Texas Instruments DIX4192IPFBR Datasheet HTML 39Page - Texas Instruments DIX4192IPFBR Datasheet HTML 40Page - Texas Instruments DIX4192IPFBR Datasheet HTML 41Page - Texas Instruments DIX4192IPFBR Datasheet HTML 42Page - Texas Instruments DIX4192IPFBR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
39
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 45. Register 16: Receiver Interrupt Mask Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
MCSCRC
MPARITY
MVBIT
MBPERR
MQCHG
MUNLOCK
MQCRC
MRBTI
Table 24. Register 16: Receiver Interrupt Mask Register 1 Field Descriptions
MCSCRC
Channel Status CRC Error Interrupt Mask
MCSCRC
CRC Interrupt
0
Masked (default)
1
Enabled
MPARITY
Parity Error Interrupt Mask
MPARITY
Parity Error Interrupt
0
Masked (default)
1
Enabled
MVBIT
Validity Error Interrupt Mask
MVBIT
Validity Error Interrupt
0
Masked (default)
1
Enabled
MBPERR
Biphase Encoding Error Interrupt Mask
MBPERR
Biphase Error Interrupt
0
Masked (default)
1
Enabled
MQCHG
Q-Channel Sub-Code Data Change Interrupt Mask
MQCHG
Q-Channel Data Change Interrupt
0
Masked (default)
1
Enabled
MUNLOCK
DIR Unlock Error Interrupt Mask
MUNLOCK
DIR Unlock Interrupt
0
Masked (default)
1
Enabled
MQCRC
Q-Channel Sub-Code CRC Error Interrupt Mask
MQCRC
Q-Channel CRC Error Interrupt
0
Masked (default)
1
Enabled
MRBTI
Receiver Buffer Transfer Interrupt Mask
MRBTI
Receiver Buffer Transfer Interrupt
0
Masked (default)
1
Enabled
Figure 46. Register 17: Receiver Interrupt Mask Register 2
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
0
MOSLIP
Table 25. Register 17: Receiver Interrupt Mask Register 2 Field Descriptions
MOSLIP
Receiver Output Data Slip Error Mask
MOSLIP
Receiver OSLIP Error Interrupt
0
Masked (default)
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com