Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM331
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM331 Datasheet HTML 14Page - Texas Instruments LM331 Datasheet HTML 15Page - Texas Instruments LM331 Datasheet HTML 16Page - Texas Instruments LM331 Datasheet HTML 17Page - Texas Instruments LM331 Datasheet HTML 18Page - Texas Instruments LM331 Datasheet HTML 19Page - Texas Instruments LM331 Datasheet HTML 20Page - Texas Instruments LM331 Datasheet HTML 21Page - Texas Instruments LM331 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CO
MP-O
U
T
1
COMP-OUT
6
COMP-OUT
1
COMP-OUT
2
IREF
3
FOUT
4
GND
7
VINF
8
VS
5
RC_TIME
1
RC_TIME
2
GND
2
LOAD
1
VINF
2
GND
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
10 Power Supply Recommendations
The LMx31 can operate over a wide supply voltage range of 4 V to 40 V. For proper operation, the supply pin
should be bypassing to ground with a low-ESR, 1-µF capacitor. It is acceptable to use X7R capacitors for this.
For systems using higher supply voltages, ensure that the voltage rating for the bypass caps is sufficient.
11 Layout
11.1 Layout Guidelines
Bypass capacitors must be placed as close as possible to the supply pin. As the LM331 is a through-hole device,
it is acceptable to place the bypass capacitor on the bottom layer.
If an input capacitor to ground is used to clean the input signal, the capacitor should be placed close to the
supply pin.
Use of a ground plane is recommended to provide a low-impedance ground across the circuit.
11.2 Layout Example
Figure 31. Layout Example
18
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com