Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM331
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM331 Datasheet HTML 6Page - Texas Instruments LM331 Datasheet HTML 7Page - Texas Instruments LM331 Datasheet HTML 8Page - Texas Instruments LM331 Datasheet HTML 9Page - Texas Instruments LM331 Datasheet HTML 10Page - Texas Instruments LM331 Datasheet HTML 11Page - Texas Instruments LM331 Datasheet HTML 12Page - Texas Instruments LM331 Datasheet HTML 13Page - Texas Instruments LM331 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
8.3 Feature Description
The LMx31 operate over a wide voltage range of 4 V to 40 V.
The voltage at pin 2 is regulated at 1.90 VDC for all values of i between 10 μA to 500 μA. It can be used as a
voltage reference for other components, but take care to ensure that current is not taken from it which could
reduce the accuracy of the converter.
8.4 Device Functional Modes
The output driver transistor acts to saturate pin 3 with an ON resistance of about 50
Ω. In case of overvoltage,
the output current is actively limited to less than 50 mA.
If the voltage on pin 7 is higher than pin 6 when pin 5 crosses
⅔ VCC, the LMx31 internal flip-flop will not be
reset, and the current at pin 1 will continue to flow, trying to make the voltage at pin 6 higher than pin 7. This
condition will usually apply under start-up conditions or in the case of an overload voltage at signal input. During
this sort of overload the output frequency will be 0. As soon as the signal is restored to the working range, the
output frequency will be resumed.
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com