Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA302 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA302 Datasheet HTML 8Page - Texas Instruments INA302 Datasheet HTML 9Page - Texas Instruments INA302 Datasheet HTML 10Page - Texas Instruments INA302 Datasheet HTML 11Page - Texas Instruments INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
200
400
600
800
1000
Time (600 ns/div)
VOUT
VLIMIT2
ALERT2
VSENSE
Time (600 ns/div)
VOUT
VLIMIT2
ALERT2
VSENSE
Time (600 ns/div)
VOUT
VLIMIT2
ALERT2
VSENSE
Time (200 ns/div)
-5E-7
7E-7
1.9E-6
3.1E-6
4.3E-6
5.5E-6
-0.5
-0.5
0.5
-0.4
1.5
-0.3
2.5
-0.2
3.5
-0.1
4.5
0
5.5
0.1
6.5
0.2
7.5
0.3
8.5
0.4
9.5
0.5
D031
VOUT
VLIMIT1
ALERT1
VSENSE
Time (600 ns/div)
VOUT
VLIMIT2
ALERT2
VSENSE
12
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
Figure 31. Comparator 1 Total Propagation Delay
(INA30x)
DELAY = open
Figure 32. Comparator 2 Total Propagation Delay
(INA303)
DELAY = 100 kΩ to VS
Figure 33. Comparator 2 Total Propagation Delay
(INA303)
DELAY = open
Figure 34. Comparator 2 Total Propagation Delay
(INA302)
DELAY = 100 kΩ to VS
Figure 35. Comparator 2 Total Propagation Delay
(INA302)
VOD = 1 mV
Figure 36. Comparator 1 Propagation Delay vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com