Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA302 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA302 Datasheet HTML 9Page - Texas Instruments INA302 Datasheet HTML 10Page - Texas Instruments INA302 Datasheet HTML 11Page - Texas Instruments INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments INA302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Time (2 ms/div)
LATCH1,
2
LATCH
ALERT1 ALERT2
,
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
INA30xA1
INA30xA2
INA30xA3
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
INA30xA1
INA30xA2
INA30xA3
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1200
1400
1600
1800
2000
2200
Low-Level Output Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
60
70
80
90
100
110
ALERT1 VOL
ALERT2 VOL
13
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
VOD = 1 mV
Figure 37. Comparator 2 Propagation Delay vs Temperature
Figure 38. Comparator Alert VOL vs IOL
Figure 39. Comparator 1 Hysteresis vs Temperature
Figure 40. Comparator 2 Hysteresis vs Temperature
Figure 41. Comparator Latch Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com