Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331AN/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM331AN/NOPB.B
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM331AN/NOPB.B Datasheet HTML 1Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 2Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 3Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 4Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 5Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 6Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 7Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM231, LM331
www.ti.com
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
5 Description continued
Further, the LMx31A attain a new high level of accuracy versus temperature which could only be attained with
expensive voltage-to-frequency modules. Additionally the LMx31 are ideally suited for use in digital systems at
low power supply voltages and can provide low-cost analog-to-digital conversion in microprocessor-controlled
systems. And, the frequency from a battery-powered voltage-to-frequency converter can be easily channeled
through a simple photo isolator to provide isolation against high common-mode levels.
The LMx31 uses a new temperature-compensated band-gap reference circuit, to provide excellent accuracy over
the full operating temperature range, at power supplies as low as 4 V. The precision timer circuit has low bias
currents without degrading the quick response necessary for 100-kHz voltage-to-frequency conversion. And the
output are capable of driving 3 TTL loads, or a high-voltage output up to 40 V, yet is short-circuit-proof against
VCC.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com