Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331AN/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LM331AN/NOPB.B
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LM331AN/NOPB.B Datasheet HTML 1Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 2Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 3Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 4Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 5Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 6Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 7Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
P Package
8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IOUT
1
O
Current Output
IREF
2
I
Reference Current
FOUT
3
O
Frequency Output. This output is an open-collector output and requires a pullup resistor.
GND
4
G
Ground
RC
5
I
R-C filter input
THRESH
6
I
Threshold input
COMPIN
7
I
Comparator Input
VS
8
P
Supply Voltage
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage, VS
40
V
Output Short Circuit to Ground
Continuous
Output Short Circuit to VCC
Continuous
Input Voltage
−0.2
+VS
V
Lead Temperature (Soldering, 10 sec.)
PDIP
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise noted.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model, 100 pF discharged through a 1.5-k
Ω resistor.
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com