Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM89 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM89
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM89 Datasheet HTML 16Page - Texas Instruments LM89 Datasheet HTML 17Page - Texas Instruments LM89 Datasheet HTML 18Page - Texas Instruments LM89 Datasheet HTML 19Page - Texas Instruments LM89 Datasheet HTML 20Page - Texas Instruments LM89 Datasheet HTML 21Page - Texas Instruments LM89 Datasheet HTML 22Page - Texas Instruments LM89 Datasheet HTML 23Page - Texas Instruments LM89 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
Command Select Address
Power-On-Default State
Register
Register Function
Name
Read Address
Write Address
<D7:D0> binary
<D7:D0>
<P7:P0> hex
<P7:P0> hex
decimal
21h
21h
0000 1010
10
TH
T_CRIT Hysteresis
B0h-BEh
B0h-BEh
Manufacturers Test Registers
BFh
BFh
0000 0000
0
RDTF
Remote Diode Temperature Filter
FEh
NA
0000 0001
1
RMID
Read Manufacturer's ID
FFh
NA
LM89C 0011 0001
49
RDR
Read Stepping or Die Revision Code
LM89-1C 0011 0100
52
LM89-1D 0011 0101
53
9.6.2 Local And Remote Temperature Registers (LT, RTHB, RTLB)
Table 2. Local And Remote Temperature Registers (LT, RTHB) (Read Only Address 00h, 01h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LT and RTHB D7–D0: Temperature Data. LSB = 1°C. Two's complement format.
Table 3. Local And Remote Temperature Registers (RTLB) (Read Only Address 10h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
For RTLB D7–D5: Temperature Data. LSB = 0.125°C. Two's complement format.
The maximum value available from the Local Temperature register is 127; the minimum value available from the
Local Temperature register is -128. The maximum value available from the Remote Temperature register is
127.875; the minimum value available from the Remote Temperature registers is
−128.875.
9.6.3 Status Register (SR)
Table 4. Status Register (SR) (Read Only Address 02h):
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
Busy
LHIGH
LLOW
RHIGH
RLOW
OPEN
RCRIT
LCRIT
Power up default is with all bits “0” (zero).
D7: Busy: When set to “1” ADC is busy converting.
D6: LHIGH: When set to “1” indicates a Local HIGH Temperature alarm.
D5: LLOW: When set to “1” indicates a Local LOW Temperature alarm.
D4: RHIGH: When set to “1” indicates a Remote Diode HIGH Temperature alarm.
D3: RLOW: When set to “1” indicates a Remote Diode LOW Temperature alarm
D2: OPEN: When set to “1” indicates a Remote Diode disconnect.
D1: RCRIT: When set to “1” indicates a Remote Diode Critical Temperature alarm.
D0: LCRIT: When set to “1” indicates a Local Critical Temperature alarm.
9.6.4 Configuration Register
Table 5. Configuration Register (Read Address 03h /Write Address 09h):
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
ALERT mask
RUN/STOP
0
Remote
0
Local
0
Fault Queue
T_CRIT_A
T_CRIT_A
mask
mask
20
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com