Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM89 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM89
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM89 Datasheet HTML 9Page - Texas Instruments LM89 Datasheet HTML 10Page - Texas Instruments LM89 Datasheet HTML 11Page - Texas Instruments LM89 Datasheet HTML 12Page - Texas Instruments LM89 Datasheet HTML 13Page - Texas Instruments LM89 Datasheet HTML 14Page - Texas Instruments LM89 Datasheet HTML 15Page - Texas Instruments LM89 Datasheet HTML 16Page - Texas Instruments LM89 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Remote High Limit
RDTS Measurement
TIME
ALERT mask set in
response to ARA
from master
LM89 ALERT pin
Status Register: RTDS High
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
Feature Description (continued)
Figure 7. ALERT Output As An Smbus Alert Temperature Response Diagram
9.3.3
T_CRIT_A Output And T_CRIT Limit
T_CRIT_A is activated when any temperature reading is greater than the limit preset in the critical temperature
setpoint register (T_CRIT), as shown in Figure 8. The Status Register can be read to determine which event
caused the alarm. A bit in the Status Register is set high to indicate which temperature reading exceeded the
T_CRIT setpoint temperature and caused the alarm, see Status Register (SR).
Local and remote temperature diodes are sampled in sequence by the A/D converter. The T_CRIT_A output and
the Status Register flags are updated after every Local and Remote temperature conversion. T_CRT_A follows
the state of the comparison, it is reset when the temperature falls below the setpoint RCS-TH. The Status
Register flags are reset only after the Status Register is read and if a temperature conversion(s) is/are below the
T_CRIT setpoint, as shown in Figure 8.
Figure 8. T_CRIT_A Temperature Response Diagram
9.3.4 Smbus Interface
The LM89 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBData line is bi-
directional. The LM89 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM89 has a 7-bit slave address. All bits A6 through A0 are internally programmed and
can not be changed by software or hardware. The LM89 and LM89-1 versions have the following SMBus slave
addresses:
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com