Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331AN/NOPB.Z Datasheet(PDF) 1 Page - Texas Instruments

Part # LM331AN/NOPB.Z
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB.Z Datasheet(HTML) 1 Page - Texas Instruments

  LM331AN/NOPB.Z Datasheet HTML 1Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 2Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 3Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 4Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 5Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 6Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 7Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
LMx31x Precision Voltage-to-Frequency Converters
1 Features
3 Description
The LMx31 family of voltage-to-frequency converters
1
•
Ensured Linearity 0.01% Maximum
are ideally suited for use in simple low-cost circuits
•
Improved Performance in Existing Voltage-to-
for analog-to-digital conversion, precision frequency-
Frequency Conversion Applications
to-voltage conversion, long-term integration, linear
•
Split or Single-Supply Operation
frequency modulation or demodulation, and many
other functions. The output when used as a voltage-
•
Operates on Single 5-V Supply
to-frequency converter is a pulse train at a frequency
•
Pulse Output Compatible With All Logic Forms
precisely proportional to the applied input voltage.
•
Excellent Temperature Stability: ±50 ppm/°C
Thus, it provides all the inherent advantages of the
Maximum
voltage-to-frequency conversion techniques, and is
easy to apply in all standard voltage-to-frequency
•
Low Power Consumption: 15 mW Typical at 5 V
converter applications.
•
Wide Dynamic Range, 100 dB Minimum at 10-kHz
Full Scale Frequency
Device Information(1)
•
Wide Range of Full Scale Frequency:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1 Hz to 100 kHz
LM231
PDIP (8)
9.81 mm × 6.35 mm
•
Low-Cost
LM331
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
•
Voltage to Frequency Conversions
•
Frequency to Voltage Conversions
•
Remote-Sensor Monitoring
•
Tachometers
Schematic Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM331AN/NOPB.Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM331AN/NOPB.B TI2-LM331AN/NOPB.B Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
More results

Similar Description - LM331AN/NOPB.Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com