Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA40
Description  40A TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 Datasheet(HTML) 4 Page - STMicroelectronics

  BTA40 Datasheet HTML 1Page - STMicroelectronics BTA40 Datasheet HTML 2Page - STMicroelectronics BTA40 Datasheet HTML 3Page - STMicroelectronics BTA40 Datasheet HTML 4Page - STMicroelectronics BTA40 Datasheet HTML 5Page - STMicroelectronics BTA40 Datasheet HTML 6Page - STMicroelectronics BTA40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BTA40, BTA41 and BTB41 Series
4/7
Figure 5: Surge peak on-state current versus
number of cycles
Figure 6: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
and corresponding value of I2t
Figure 7: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 8: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
(typical values)
Figure 9: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =70°C
C
0.01
0.10
1.00
10.00
100
1000
10000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com