Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTA40
Description  40A TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 Datasheet(HTML) 6 Page - STMicroelectronics

  BTA40 Datasheet HTML 1Page - STMicroelectronics BTA40 Datasheet HTML 2Page - STMicroelectronics BTA40 Datasheet HTML 3Page - STMicroelectronics BTA40 Datasheet HTML 4Page - STMicroelectronics BTA40 Datasheet HTML 5Page - STMicroelectronics BTA40 Datasheet HTML 6Page - STMicroelectronics BTA40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BTA40, BTA41 and BTB41 Series
6/7
Figure 12: RD91 Package Mechanical Data
A
E3
N2
N1
B
F
I
A1
B1
L1
A2
L2
B2
C
C2
C1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
40.00
1.575
A1
29.90
30.30
1.177
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.551
C1
3.50
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA40-xxxB
BTA40xxxB
RD91
20 g
25
Bulk
BTA41-xxxBRG
BTA41xxxB
TOP3 Ins.
4.5 g
30
Tube
BTB41-xxxBRG
BTB41xxxB
TOP3
4.5 g
30
Tube
Note: xxx = voltage
Table 9: Revision History
Date
Revision
Description of Changes
Sep-2003
5
Last update.
25-Mar-2005
6
TOP3 delivery mode changed from bulk to tube.
14-Oct-2005
7
Tc values for IT changed in Table 3. ECOPACK statement
added.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com