Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC00C Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # SC00C
Description  SeaCloud Subscription for Cellular & Wi-Fi SeaConnect Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

SC00C Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  SC00C Datasheet HTML 1Page - Sealevel Systems, Inc. SC00C Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SeaCloud Subscription for Cellular & Wi-Fi SeaConnect
Devices, Includes LTE Cellular 25MB Data Plan
The SC00C subscription provides access to the SeaCloud service for one SeaConnect 370C cellular/Wi-Fi module. This subscription
also includes 25MB of monthly cellular data, which works out to SeaCloud updates roughly every 30 seconds, 24 hours a day, for
an entire month. That’s more than enough data for most IoT data-at-rest applications. If you have a data-in-motion application
and require more frequent or real-time updates, call us for details. Cellular signal strength may affect data usage – that’s why the
SeaConnect 370C includes a high-gain sail antenna to minimize connection issues.
The Sealevel SeaCloud service is a secure, robust, scalable, IIoT platform designed to track, monitor, analyze and control data from
Sealevel I/O devices. SeaCloud is a turn-key Software as a Service (SaaS) cloud application that works out-of-the-box and includes
many IIoT features that allow you to start using it without additional programming.
At its heart, SeaCloud is designed as a Platform as a Service (PaaS) that can be private-labeled and modified by Sealevel to meet
your specific requirements.
Do you need an application-specific IIoT device and cloud solution? Sealevel can provide a number of services from design,
application-specific cloud instances, cellular data plans and even billing services for a turn-key solution. Call us to see how Sealevel
can help you realize your IIoT vision.
Part: SC00C | Model: SeaCloud Cellular
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - SC00C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC000013 AMPHENOL-SC000013 Datasheet
5Mb / 12P
MotionGrade M23 and M40 Connectors
SC000014 AMPHENOL-SC000014 Datasheet
5Mb / 12P
MotionGrade M23 and M40 Connectors
SC000035 AMPHENOL-SC000035 Datasheet
5Mb / 12P
MotionGrade M23 and M40 Connectors
SC000036 AMPHENOL-SC000036 Datasheet
5Mb / 12P
MotionGrade M23 and M40 Connectors
SC000044 AMPHENOL-SC000044 Datasheet
5Mb / 12P
MotionGrade M23 and M40 Connectors
More results

Similar Description - SC00C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA520ABC008 ETC2-MA520ABC008 Datasheet
2Mb / 22P
2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
logo
World Produts Inc.
WPANT10045-C1A WPI-WPANT10045-C1A Datasheet
132Kb / 2P
850 / 1900 MHz Cellular & 2.4 GHz Wi-Fi Embedded Antenna
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Taoglas antenna solutio...
MA520ABC008 TAOGLAS-MA520ABC008 Datasheet
2Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi
logo
World Produts Inc.
WPANT10045 WPI-WPANT10045 Datasheet
119Kb / 2P
3G Cellular / Wi-Fi Embedded Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
Advantech Co., Ltd.
EKI-9502G ADVANTECH-EKI-9502G Datasheet
345Kb / 2P
EN50155 Train-To-Ground Wi-Fi/Cellular Router
26-Feb-2020
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com