Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804025 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804025
Description  EO-CF/UT/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804025 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804025 Datasheet HTML 1Page - PHOENIX CONTACT 0804025 Datasheet HTML 2Page - PHOENIX CONTACT 0804025 Datasheet HTML 3Page - PHOENIX CONTACT 0804025 Datasheet HTML 4Page - PHOENIX CONTACT 0804025 Datasheet HTML 5Page - PHOENIX CONTACT 0804025 Datasheet HTML 6Page - PHOENIX CONTACT 0804025 Datasheet HTML 7Page - PHOENIX CONTACT 0804025 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Notes on operation
This socket is not designed for applications with high loads (HL),
such as chargers for electric vehicles and large radiant heaters.
General
Note
The nominal current does not apply for fuse versions. In this
case, the current is determined by the fuse.
Product properties
Product type
Socket
Country ID
Germany
Connection data
Connection method
Screw connection
Screw thread
M3
Tightening torque
0.5 ... 0.6 Nm
Stripping length
8 mm
A3
Internal cylindrical gage
B3
Conductor cross-section rigid
0.2 mm² ... 4 mm²
Cross section AWG
24 ... 12 (converted acc. to IEC)
Conductor cross-section flexible
0.25 mm² ... 2.5 mm²
Conductor cross-section, flexible [AWG]
24 ... 14 (converted acc. to IEC)
Conductor cross-section flexible (ferrule without plastic sleeve)
0.25 mm² ... 2.5 mm²
Flexible conductor cross-section (ferrule with plastic sleeve)
0.25 mm² ... 2.5 mm²
Conductor cross-section flexible (2 conductors with the same
cross-section, with TWIN ferrule and plastic sleeve)
0.2 mm² ... 4 mm²
Nominal current
16 A
Nominal voltage
250 V AC (50 Hz)
Signaling
Status display
no
Dimensions
Width
45 mm
Height
75 mm
Depth
62.1 mm
Depth on NS 35/7,5
63 mm
Depth on NS 35/15
70.5 mm
Hole diameter
4.4 mm
Material specifications
Color
green (RAL 6021)
EO-CF/UT/GN - Socket
0804025
https://www.phoenixcontact.com/us/products/0804025
Sep 10, 2025, 12:27AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com