Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804025 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804025
Description  EO-CF/UT/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804025 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804025 Datasheet HTML 1Page - PHOENIX CONTACT 0804025 Datasheet HTML 2Page - PHOENIX CONTACT 0804025 Datasheet HTML 3Page - PHOENIX CONTACT 0804025 Datasheet HTML 4Page - PHOENIX CONTACT 0804025 Datasheet HTML 5Page - PHOENIX CONTACT 0804025 Datasheet HTML 6Page - PHOENIX CONTACT 0804025 Datasheet HTML 7Page - PHOENIX CONTACT 0804025 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, Pin connector pattern type CF, connection method: Screw connection, color: green,
nom. voltage: 250 V AC (50 Hz), nominal current: 16 A, for mounting on a DIN rail in the service
interface or direct mounting, standards/specifications: VDE 0620-1, Country marking: Germany
Commercial data
Item number
0804025
Packing unit
5 pc
Minimum order quantity
5 pc
Sales key
BE76
Product key
BE7611
GTIN
4055626225678
Weight per piece (including packing)
77.05 g
Weight per piece (excluding packing)
73.53 g
Customs tariff number
85366990
Country of origin
PL
EO-CF/UT/GN - Socket
0804025
https://www.phoenixcontact.com/us/products/0804025
Sep 10, 2025, 12:27AM
Page 1 (8)


Similar Part No. - 0804025

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804020 PHOENIX-0804020 Datasheet
290Kb / 8P
EO-E/PT/SH - Socket
0804021 PHOENIX-0804021 Datasheet
268Kb / 8P
EO-E/PT/SH/GN - Socket
0804022 PHOENIX-0804022 Datasheet
271Kb / 8P
EO-E/PT/SH/LED - Socket
0804023 PHOENIX-0804023 Datasheet
271Kb / 8P
EO-E/PT/SH/LED/GN - Socket
0804024 PHOENIX-0804024 Datasheet
289Kb / 8P
EO-CF/UT - Socket
More results

Similar Description - 0804025

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
CF TYPE SOCKET
logo
PHOENIX CONTACT
3045091 PHOENIX-3045091 Datasheet
161Kb / 6P
UT 2,5 GN
3045156 PHOENIX-3045156 Datasheet
145Kb / 6P
UT 4 GN
3045211 PHOENIX-3045211 Datasheet
144Kb / 6P
UT 6 GN
3046333 PHOENIX-3046333 Datasheet
143Kb / 6P
UT 10 GN
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com