Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB704 Datasheet(PDF) 1 Page - Pro-Signal

Part # SB704
Description  Data Switch HD DB15 2 PS2, 4 Way
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SB704 Datasheet(HTML) 1 Page - Pro-Signal

  SB704 Datasheet HTML 1Page - Pro-Signal SB704 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/01/13
Data Switch
HD DB15 + 2 PS2, 4 Way
Specifications :
Computer Switch Type
: Data
Computer Switch Function
: Manual
Input Connection
: DB15 Female
Output Connection
: PS/2
No. of Ways
: 4
No.
Description
Qty
1
HD15 Female, Gold Flash on Contacts, Blue Insulator
5
2
Mini DIN6 Female, Gold Flash on contacts, Black Insulator
10
3
Hex-Nut 4.75mm × 13mm, Screw Cap 4.75mm × 1.5mm
10 Set
4
Hex-Nut with Screw Cap 3mm × 6mm
20 Set
5
Knob for A, B, C, D Switch
1
Screw 4mm × 12.5mm With Pad
1 Set
Main Heart 9-27-4
1
26AWG Insulator, Length 200mm
149
6
Metal case, Thickness 0.8mm
1 Set
7
Screw 3 × 6 PWB
4
8
Plasto-Visco- Elastic Body
4
Dimensions : Millimetres


Similar Part No. - SB704

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SB7045100ML ABC-SB7045100ML Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7045101KL ABC-SB7045101KL Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7045102KL ABC-SB7045102KL Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7045150ML ABC-SB7045150ML Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7045151KL ABC-SB7045151KL Datasheet
2Mb / 7P
SMD POWER INDUCTOR
More results

Similar Description - SB704

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TPD04-02G08S TRANSCOM-TPD04-02G08S Datasheet
76Kb / 1P
2-8GHz 4-Way Power Divider
TPD04-02G18S TRANSCOM-TPD04-02G18S Datasheet
73Kb / 1P
2-18GHz 4-Way Power Divider
logo
List of Unclassifed Man...
SDC15AG ETC2-SDC15AG Datasheet
97Kb / 1P
DB15 HD26 HOOD KIT
logo
Tripp Lite. All Rights ...
B022002KTR TRIPPLITE-B022002KTR Datasheet
476Kb / 2P
2-Port Desktop KVM Switch w- 2 KVM Cable Kits (PS2)
logo
ON Semiconductor
NL3HS644 ONSEMI-NL3HS644 Datasheet
209Kb / 8P
4-Data Lane Switch
November, 2015 ??Rev. 2
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
logo
Tripp Lite. All Rights ...
B022-002-KT-R TRIPPLITE-B022-002-KT-R Datasheet
155Kb / 3P
2-Port Desktop KVM Switch with 2 KVM Cable Kits (PS2)
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
logo
C&K Components
CS CK-COMPONENTS-CS Datasheet
120Kb / 1P
4-way Adjustable Direction Switch
2 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com