Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09B Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH2D09B
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH2D09B Datasheet(HTML) 1 Page - Sumida Corporation

  CDH2D09B Datasheet HTML 1Page - Sumida Corporation CDH2D09B Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CDH2D09/S, CDH2D09B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CDH Series>
2.4±0.15
0.9±0.1
0.50
2.35
◆
Product Description
・
2.55×2.50mm Max.(L×W),1.0mm Max. Height.(CDH2D09/S)
・
3.0×2.8mm Max.(L×W),1.0mm Max. Height.(CDH2D09B)
・
Inductance range:1.0~10μH(CDH2D09/S); 2.4~22μH(CDH2D09B).
・
Rated current range:0.28~0.88A(CDH2D09/S); 0.31~1.0A(CDH2D09B).
・
In addition to the standards versions shown here, custom inductors are also available to meet your
exact requirements.
◆
Feature
・
Magnetically unshielded construction.
・
Ideally used in Mobilephone,PDA,MP3,HDD,DSC/DVC,etc as DC-DC inverter inductors.
・
RoHS Compliance.
◆
Dimensions (mm)
CDH2D09/S
CDH2D09B


Similar Part No. - CDH2D09B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH2D09BNP-100MC SUMIDA-CDH2D09BNP-100MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-150MC SUMIDA-CDH2D09BNP-150MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-220MC SUMIDA-CDH2D09BNP-220MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-2R4MC SUMIDA-CDH2D09BNP-2R4MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-3R3MC SUMIDA-CDH2D09BNP-3R3MC Datasheet
159Kb / 3P
SMD Power Inductor
More results

Similar Description - CDH2D09B

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com