Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH2D09B
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH2D09B Datasheet(HTML) 2 Page - Sumida Corporation

  CDH2D09B Datasheet HTML 1Page - Sumida Corporation CDH2D09B Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDH2D09/S, CDH2D09B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDH Series>
2.80
0.40
1.2
◆
Land Pattern (mm)
CDH2D09/S
CDH2D09B
◆
Specification(CDH2D09/S)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(mΩ)
[
Within]
(at 20℃)
(at 20℃) (at 105℃)
Temperature
Rise current
(A) ※2
CDH2DØ9SNP-1RØM□
A
1.0 ± 20%
110±20%
0.88
0.61
1.00
CDH2DØ9SNP-1R5M□
C
1.5 ± 20%
140±20%
0.76
0.52
0.87
CDH2DØ9SNP-2R4M□
E
2.4 ± 20%
195±20%
0.56
0.41
0.78
CDH2DØ9SNP-2R7M□
F
2.7 ± 20%
215±20%
0.54
0.37
0.73
CDH2DØ9SNP-3R3M□
G
3.3 ± 20%
240±20%
0.45
0.34
0.70
CDH2DØ9SNP-4R7M□
J
4.7 ± 20%
380±20%
0.38
0.30
0.63
CDH2DØ9SNP-6R8M□
L
6.8 ± 20%
455±20%
0.34
0.25
0.47
CDH2DØ9SNP-1ØØM□
M
10 ± 20%
830±20%
0.28
0.21
0.36
◆
Specification(CDH2D09B)
※
Description of part name
CDH2DØ9BNP-2R4M□
※
1.Saturation Current: The DC current at which the inductance decreases to 75%(CDH2D09/S) or
70%(CDH2D09B) of it's nominal value.
※
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Part Name
※
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(mΩ)
[MAX.]
(at 20℃)
Saturation Current
(A)※
2
(at 20℃)
Temperature
Rise current
(A) ※2
CDH2DØ9BNP-2R4M□
E
2.4±20%
160(128)
1.00
1.18
CDH2DØ9BNP-3R3M□
F
3.3±20%
188(150)
0.85
1.06
CDH2DØ9BNP-4R7M□
G
4.7±20%
273(218)
0.70
0.85
CDH2DØ9BNP-6R4M□
J
6.4±20%
400(320)
0.60
0.64
CDH2DØ9BNP-1ØØM□
L
10±20%
588(470)
0.48
0.47
CDH2DØ9BNP-15ØM□
M
15±20%
956(765)
0.38
0.39
CDH2DØ9BNP-22ØM□
P
22±20%
1313(1050)
0.31
0.34
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com