Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2733XMF/NOPB.B
Description  LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2733XMF/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM2733XMF/NOPB.B Datasheet HTML 1Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 2Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
LM2733
www.ti.com
SNVS209G – NOVEMBER 2002 – REVISED MAY 2019
Product Folder Links: LM2733
Submit Documentation Feedback
Copyright © 2002–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
5-Pin DBV
SOT-23 Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SW
1
O
Drain of the internal FET switch.
GND
2
GND
Analog and power ground.
FB
3
I
Feedback point that connects to external resistive divider.
SHDN
4
I
Shutdown control input. Connect to VIN if this feature is not used.
VIN
5
I
Analog and power input.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of the limits set forth under the operating ratings which specify the intended range of operating
conditions.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation which can be safely dissipated for any application is a function of the maximum junction temperature,
TJ(MAX) = 125°C, the junction-to-ambient thermal resistance for the SOT-23 package, RθJ-A = 210°C/W, and the ambient temperature,
TA. The maximum allowable power dissipation at any ambient temperature for designs using this device can be calculated using the
formula:
If power dissipation exceeds the maximum specified above, the internal thermal protection
circuitry protects the device by reducing the output voltage as required to maintain a safe junction temperature.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Input supply voltage (VIN)
−0.4
14.5
V
FB pin voltage
−0.4
6
V
SW pin voltage
−0.4
40
V
SHDN pin voltage
−0.4
VIN + 0.3
V
Power dissipation(3)
Internally Limited
Lead temperature (soldering, 5 sec.)
300
°C
Storage temperature,Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Machine model
±200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com