Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2733XMF/NOPB.B
Description  LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2733XMF/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2733XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2733XMF/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
LM2733
SNVS209G – NOVEMBER 2002 – REVISED MAY 2019
www.ti.com
Product Folder Links: LM2733
Submit Documentation Feedback
Copyright © 2002–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2733 device is a switching converter IC that operates at a fixed frequency (0.6 or 1.6 MHz) using current-
mode control for fast transient response over a wide input voltage range and incorporate pulse-by-pulse current
limiting protection. Because this is current mode control, a 50 m
Ω sense resistor in series with the switch FET is
used to provide a voltage (which is proportional to the FET current) to both the input of the pulse width
modulation (PWM) comparator and the current limit amplifier.
At the beginning of each cycle, the S-R latch turns on the FET. As the current through the FET increases, a
voltage (proportional to this current) is summed with the ramp coming from the ramp generator and then fed into
the input of the PWM comparator. When this voltage exceeds the voltage on the other input (coming from the
Gm amplifier), the latch resets and turns the FET off. Since the signal coming from the Gm amplifier is derived
from the feedback (which samples the voltage at the output), the action of the PWM comparator constantly sets
the correct peak current through the FET to keep the output volatge in regulation.
Q1 and Q2 along with R3 - R6 form a bandgap voltage reference used by the IC to hold the output in regulation.
The currents flowing through Q1 and Q2 will be equal, and the feedback loop will adjust the regulated output to
maintain this. Because of this, the regulated output is always maintained at a voltage level equal to the voltage at
the FB node "multiplied up" by the ratio of the output resistive divider.
The current limit comparator feeds directly into the flip-flop, that drives the switch FET. If the FET current reaches
the limit threshold, the FET is turned off and the cycle terminated until the next clock pulse. The current limit
input terminates the pulse regardless of the status of the output of the PWM comparator.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Switching Frequency
The LM2733 device is provided with two switching frequencies: the “X” version is typically 1.6 MHz, while the “Y”
version is typically 600 kHz. The best frequency for a specific application must be determined based on the
tradeoffs involved. See Switching Frequency in the Detailed Design Procedure section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com