Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3644TTYFFR Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3644TTYFFR
Description  LM3644 Dual 1.5-A Current Source Camera Flash LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3644TTYFFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3644TTYFFR Datasheet HTML 18Page - Texas Instruments LM3644TTYFFR Datasheet HTML 19Page - Texas Instruments LM3644TTYFFR Datasheet HTML 20Page - Texas Instruments LM3644TTYFFR Datasheet HTML 21Page - Texas Instruments LM3644TTYFFR Datasheet HTML 22Page - Texas Instruments LM3644TTYFFR Datasheet HTML 23Page - Texas Instruments LM3644TTYFFR Datasheet HTML 24Page - Texas Instruments LM3644TTYFFR Datasheet HTML 25Page - Texas Instruments LM3644TTYFFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
0
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 63h
w
ack
addr = 0Ah
ack
ack
Data = 03h
stop
22
LM3644, LM3644TT
SNVSA52E – AUGUST 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM3644 LM3644TT
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 39. Write Cycle W = Write (SDA = "0") R = Read (SDA = "1") Ack = Acknowledge
(SDA Pulled Down by Either Master or Slave) ID = Chip Address, 63h for LM3644
8.5.2.4 I2C-Compatible Chip Address
The device address for the LM3644 is 1100011 (0x63). After the START condition, the I2C-compatible master
sends the 7-bit address followed by an eighth read or write bit (R/W). R/W = 0 indicates a WRITE and R/W = 1
indicates a READ. The second byte following the device address selects the register address to which the data is
written. The third byte contains the data for the selected register.
Figure 40. I2C-Compatible Chip Address
8.6 Register Descriptions
REGISTER NAME
INTERNAL HEX ADDRESS
POWER ON/RESET VALUE
LM3644
Enable Register
0x01
0x80
IVFM Register
0x02
0x01
LED1 Flash Brightness Register
0x03
0xBF
LED2 Flash Brightness Register
0x04
0x3F
LED1 Torch Brightness Register
0x05
0xBF
LED2 Torch Brightness Register
0x06
0x3F
Boost Configuration Register
0x07
0x09
Timing Configuration Register
0x08
0x1A
TEMP Register
0x09
0x08
Flags1 Register
0x0A
0x00
Flags2 Register
0x0B
0x00
Device ID Register
0x0C
0x02 or 0x04 for LM3644TT
Last Flash Register
0x0D
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com