Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3644TTYFFR Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3644TTYFFR
Description  LM3644 Dual 1.5-A Current Source Camera Flash LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3644TTYFFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3644TTYFFR Datasheet HTML 25Page - Texas Instruments LM3644TTYFFR Datasheet HTML 26Page - Texas Instruments LM3644TTYFFR Datasheet HTML 27Page - Texas Instruments LM3644TTYFFR Datasheet HTML 28Page - Texas Instruments LM3644TTYFFR Datasheet HTML 29Page - Texas Instruments LM3644TTYFFR Datasheet HTML 30Page - Texas Instruments LM3644TTYFFR Datasheet HTML 31Page - Texas Instruments LM3644TTYFFR Datasheet HTML 32Page - Texas Instruments LM3644TTYFFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
50
55
60
65
70
75
80
85
90
95
100
D034
TA = -40qC
TA = +25qC
TA = +85qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
50
55
60
65
70
75
80
85
90
95
100
D035
TA = -40qC
TA = +25qC
TA = +85qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
60
64
68
72
76
80
84
88
92
96
100
D032
TA = -40qC
TA = +25qC
TA = +85qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
50
55
60
65
70
75
80
85
90
95
100
D033
TA = -40qC
TA = +25qC
TA = +85qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
60
64
68
72
76
80
84
88
92
96
100
D030
TA = -40qC
TA = +25qC
TA = +85qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
60
64
68
72
76
80
84
88
92
96
100
D031
TA = -40qC
TA = +25qC
TA = +85qC
29
LM3644, LM3644TT
www.ti.com
SNVSA52E – AUGUST 2014 – REVISED SEPTEMBER 2016
Product Folder Links: LM3644 LM3644TT
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = VIN, CIN = 2 × 10 µF, COUT = 2 × 10 µF and L = 1 µH, unless
otherwise noted.
ILED = 1 A
ƒSW = 2 MHz
Flash
VLED = 3.32 V
Figure 46. LED Efficiency vs Input Voltage
ILED = 729 mA
ƒSW = 2 MHz
Flash
VLED = 3.18 V
Figure 47. LED Efficiency vs Input Voltage
ILED1 and LED2 = 729 mA
Flash
VLED = 3.18 V
ƒSW = 2 MHz
Figure 48. LED Efficiency vs Input Voltage
ILED = 179 mA
Torch
VLED = 2.83 V
ƒSW = 2 MHz
Figure 49. LED Efficiency vs Input Voltage
ILED = 179 mA
ƒSW = 4 MHz
VLED = 2.83 V
Torch
Figure 50. LED Efficiency vs Input Voltage
ILED1 and LED2 = 179 mA
ƒSW = 2 MHz
VLED = 2.83 V
Torch
Figure 51. LED Efficiency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com