Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025ASDX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5025ASDX/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASDX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5025ASDX/NOPB Datasheet HTML 16Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 17Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 18Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 19Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 20Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 21Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 22Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 23Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
hiccup
SS
1 V
T
(ms) C
(nF)
1 A
u
P
SS
SS
SS
V
1 V
T
(ms) C
(nF)
20 A
u
P
20
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Application (continued)
RT = (5725/F)
1.026
where
•
F is in kHz and RT in kΩ
(6)
8.2.2.2 Soft-Start Ramp Time and Hiccup Interval
The soft-start ramp time and hiccup internal is programmed by a capacitor (CSS) on the SS pin to ground. The
soft-start ramp time is determined by comparing the SS pin voltage with COMP pin voltage. When the SS voltage
is less than COMP voltage, the COMP voltage is clamped by SS voltage. The PWM duty is limited by the
clamped COMP voltage, so that soft start can be achieved. The first PWM pulse is generated after COMP
voltage reaches 1 V. So the soft-start ramp time of the output voltage can be estimated by Equation 7:
where
•
VSS is the steady-state COMP pin voltage. This voltage is determined by the output voltage, voltage divider,
and the compensation network.
(7)
In hiccup mode, the SS current source is reduced to 1 µA. When the first PWM pulse is generated, the current
source switches to 20 µA, and the power supply tries to start up again. The hiccup interval can be calculated by
Equation 8:
(8)
8.2.2.3 Feedforward Ramp and Maximum On-Time Clamp
An example illustrates the use of the Volt × Second Clamp comparator to achieve a 50% duty cycle limit, at
200 KHz, at a 48-V line input: A 50% duty cycle at a 200 KHz requires a 2.5 µs of ON-time. At 48-V input the
Volt × Second product is 120 V × µs (48 V × 2.5 µs). To achieve this clamp level, see Equation 9 and
Equation 10:
RFF × CFF = VIN × TON / 2.5 V
(9)
48 × 2.5 µF / 2.5 = 48 µF
(10)
Select CFF = 470 pF
RFF = 102 kΩ
The recommended capacitor value range for CFF is 100 pF to 1000 pF.
8.2.2.4 Dead Times
The magnitude of the overlap and dead time can be calculated as follows in Equation 11 and Equation 12:
Overlap Time (ns) = 2.8 × RSET – 1.2
(11)
Dead Time (ns) = 2.9 × RSET + 20
where
•
RSET in kΩ, Time in ns
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com