Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025ASDX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5025ASDX/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASDX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5025ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 11Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical limits are for TJ = 25°C, and minimum and maximum limits apply over the operating junction temperature range
(–40°C to 125°C). VIN = 48 V, VCC = 10 V, RT = 31.3 kΩ, RSET = 27.4 kΩ) unless otherwise stated
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT_B low saturation
MOS device at
Iout = 10 mA
TA = 25°C,
12
Ω
TJ = Tlow to Thigh
18
OUTPUT_B rise time
Cgate = 1 nF
20
ns
OUTPUT_B fall time
Cgate = 1 nF
15
ns
OUTPUT TIMING CONTROL
Overlap time
RSET = 38 kΩ
connected to GND,
50% to 50%
transitions
TA = 25°C,
105
ns
TJ = Tlow to Thigh
75
135
Dead time
RSET = 29.5 kΩ
connected to REF,
50% to 50%
transitions
TA = 25°C,
105
ns
TJ = Tlow to Thigh
75
135
THERMAL SHUTDOWN
TSD
Thermal shutdown
threshold
165
°C
Thermal shutdown
hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com