Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025AMTC/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5025AMTC/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
LM5025A
www.ti.com
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 High-Voltage Start-Up Regulator
The LM5025A contains an internal high-voltage start-up regulator that allows the input pin (VIN) to be connected
directly to the line voltage. The regulator output is internally current-limited to 20 mA. When power is applied, the
regulator is enabled and sources current into an external capacitor connected to the VCC pin. The recommended
capacitance range for the VCC regulator is 0.1 µF to 100 µF. When the voltage on the VCC pin reaches the
regulation point of 7.6 V and the internal voltage reference (REF) reaches its regulation point of 5 V, the
controller outputs are enabled. The outputs remain enabled until VCC falls below 6.2 V or the line undervoltage
lockout detector indicates that VIN is out of range. In typical applications, an auxiliary transformer winding is
connected through a diode to the VCC pin. This winding must raise the VCC voltage above 8 V to shut off the
internal start-up regulator. Powering VCC from an auxiliary winding improves efficiency while reducing the
controller power dissipation.
When the converter auxiliary winding is inactive, external current draw on the VCC line must be limited so the
power dissipated in the start-up regulator does not exceed the maximum power dissipation of the controller.
An external start-up regulator or other bias rail can be used instead of the internal start-up regulator by
connecting the VCC and the VIN pins together and feeding the external bias voltage into the two pins.
7.3.2 Line Undervoltage Detector
The LM5025A contains a line undervoltage lockout (UVLO) circuit. An external setpoint voltage divider from VIN
to GND, sets the operational range of the converter. The divider must be designed such that the voltage at the
UVLO pin is greater than 2.5 V when VIN is in the desired operating range. If the undervoltage threshold is not
met, both outputs are disabled, all other functions of the controller remain active. UVLO hysteresis is
accomplished with an internal 20-µA current source that is switched ON or OFF into the impedance of the
setpoint divider. When the UVLO threshold is exceeded, the current source is activated to instantly raise the
voltage at the UVLO pin. When the UVLO pin voltage falls below the 2.5-V threshold, the current source is turned
off, causing the voltage at the UVLO pin to fall. The UVLO pin can also be used to implement a remote enable
and disable function. Pulling the UVLO pin below the 2.5-V threshold disables the PWM outputs.
7.3.3 PWM Outputs
The relative phase of the main (OUT_A) and active clamp outputs (OUT_B) can be configured for the specific
application. For active clamp configurations using a ground-referenced P-channel clamp switch, the two outputs
must be in-phase with the active clamp output overlapping the main output. For active clamp configurations using
a high-side N-channel switch, the active clamp output must be out-of-phase with main output, and there must be
a dead time between the two gate drive pulses. A distinguishing feature of the LM5025A is the ability to
accurately configure either dead time (both OFF) or overlap time (both ON) of the gate driver outputs. The
overlap and dead-time magnitude is controlled by the resistor value connected to the TIME pin of the controller.
The opposite end of the resistor can be connected to either REF for dead-time control or GND for overlap
control. The internal configuration detector senses the connection and configures the phase relationship of the
main and active clamp outputs. The magnitude of the overlap and dead time can be calculated in Equation 1 and
Equation 2.
Overlap Time (ns) = 2.8 × RSET – 1.2
(1)
Dead Time (ns) = 2.9 × RSET +20
where
•
RSET in kΩ
•
Time in ns
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com