Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025AMTC/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5025AMTC/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
LM5025A
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Device thermal limitations may limit usable range.
6.5 Electrical Characteristics
Typical limits are for TJ = 25°C, and minimum and maximum limits apply over the operating junction temperature range
(–40°C to 125°C). VIN = 48 V, VCC = 10 V, RT = 31.3 kΩ, RSET = 27.4 kΩ) unless otherwise stated
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR
VCC
Reg
VCC regulation
No load
TJ = 25°C
7.6
V
TJ = Tlow to Thigh
7.3
7.9
VCC current limit
See (2)
TJ = 25°C
25
mA
TJ = Tlow to Thigh
20
I-VIN
Start-up regulator leakage
(external Vcc Supply)
VIN = 100 V
TJ = 25°C
165
µA
TJ = Tlow to Thigh
500
VCC SUPPLY
VCC undervoltage lockout
voltage (positive going Vcc)
TJ = 25°C
VCC Reg -
120 mV
V
TJ = Tlow to Thigh
VCC Reg -
220 mV
VCC undervoltage
hysteresis
TJ = 25°C
1.5
V
TJ = Tlow to Thigh
1
2
VCC supply current (ICC)
Cgate = 0
TJ = Tlow to Thigh
4.2
mA
REFERENCE SUPPLY
VREF
Ref voltage
IREF = 0 mA
TJ = 25°C
5
V
TJ = Tlow to Thigh
4.85
5.15
Ref voltage regulation
IREF = 0 to 10mA
TJ = 25°C
25
mV
TJ = Tlow to Thigh
50
Ref current limit
TJ = 25°C
20
mA
TJ = Tlow to Thigh
10
CURRENT LIMIT
CS1
Prop
CS1 delay to output
CS1 Step from 0 to 0.6 V,
Time to onset of OUT Transition (90%),
Cgate = 0
40
ns
CS2
Prop
CS2 delay to output
CS2 Step from 0 to 0.6 V,
Time to onset of OUT Transition (90%),
Cgate = 0
50
ns
Cycle by cycle threshold
voltage (CS1)
TJ = 25°C
0.5
V
over full operating junction temperature
0.45
0.55
Cycle skip threshold voltage
(CS2)
Resets SS capacitor;
auto restart
TJ = 25°C
0.5
V
TJ = Tlow to Thigh
0.45
0.55
Leading edge blanking time
(CS1)
50
ns
CS1 sink impedance
(clocked)
CS1 = 0.4 V
TJ = 25°C
30
Ω
TJ = Tlow to Thigh
50
CS1 sink impedance (post
fault discharge)
CS1 = 0.6 V
TJ = 25°C
15
Ω
TJ = Tlow to Thigh
30
CS2 sink impedance (post
fault discharge)
CS2 = 0.6 V
TJ = 25°C
55
Ω
TJ = Tlow to Thigh
95
CS1 and CS2 leakage
current
CS = CS Threshold –
100 mV
TJ = Tlow to Thigh
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com