Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22010 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMZ22010
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ22010 Datasheet HTML 17Page - Texas Instruments LMZ22010 Datasheet HTML 18Page - Texas Instruments LMZ22010 Datasheet HTML 19Page - Texas Instruments LMZ22010 Datasheet HTML 20Page - Texas Instruments LMZ22010 Datasheet HTML 21Page - Texas Instruments LMZ22010 Datasheet HTML 22Page - Texas Instruments LMZ22010 Datasheet HTML 23Page - Texas Instruments LMZ22010 Datasheet HTML 24Page - Texas Instruments LMZ22010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
9A
COUTJ
(0.165V - 9A x 0.003) x (
)
350e3
3.3V
J615 2F
Istep
COUTJ
(VOUT - ISTEP x ESR) x (
)
fSW
VOUT
1.07k
Rfbb
2.26k
Rfbt
107
Rtkb
226
Rtkt
SS
3.3V Master
FB
2.5Vout
50 2A
Int VCC
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
divider resistors is the same as the ratio of the output voltage setting divider. Proper operation in tracking mode
dictates the soft-start time of the slave rail be shorter than the master rail; a condition that is easy to satisfy
because the CSS cap is replaced by RTKB. The tracking function is only supported for the power up interval of the
master supply; once the SS/TRK rises past 0.795 V the input is no longer enabled and the 50-µA internal current
source is switched off.
Figure 52. Tracking Option Input Detail
8.2.2.6 COUT Selection
None of the required COUT output capacitance is contained within the module. A minimum value ranging from 330
μF for 6-VOUT to 660 μF for 1.2-VOUT applications is required based on the values of internal compensation in the
error amplifier. These minimum values can be decreased if the effective capacitor ESR is higher than 15 m
Ω.
A Low ESR (15 m
Ω) tantalum, organic semiconductor or specialty polymer capacitor types in parallel with a 47-
nF X7R ceramic capacitor for high-frequency noise reduction is recommended for obtaining lowest ripple. The
output capacitor COUT may consist of several capacitors in parallel placed in close proximity to the module. The
output voltage ripple of the module depends on the equivalent series resistance (ESR) of the capacitor bank, and
can be calculated by multiplying the ripple current of the module by the effective impedance of your chosen
output capacitors. Electrolytic capacitors will have large ESR and lead to larger output ripple than ceramic or
polymer types. For this reason a combination of ceramic and polymer capacitors is recommended for low output
ripple performance.
The output capacitor assembly must also meet the worst case ripple current rating of
ΔiL, as calculated in
Equation 8. Loop response verification is also valuable to confirm closed loop behavior.
For applications with dynamic load steps; the following equation provides a good first pass approximation of COUT
for load transient requirements.
(8)
For 12 VIN, 3.3 VOUT, a transient voltage of 5% of VOUT = 0.165 V (ΔVOUT), a 9A load step (ISTEP), an output
capacitor effective ESR of 3 m
Ω, and a switching frequency of 350kHz (fSW):
(9)
NOTE
The stability requirement for minimum output capacitance must always be met.
One recommended output capacitor combination is two 330-
μF, 15-mΩ ESR tantalum polymer capacitors
connected in parallel with a 47-µF 6.3-V X5R ceramic. This combination provides excellent performance that may
exceed the requirements of certain applications. Additionally some small 47-nF ceramic capacitors can be used
for high-frequency EMI suppression.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com