Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ23608 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMZ23608
Description  LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ23608 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMZ23608 Datasheet HTML 12Page - Texas Instruments LMZ23608 Datasheet HTML 13Page - Texas Instruments LMZ23608 Datasheet HTML 14Page - Texas Instruments LMZ23608 Datasheet HTML 15Page - Texas Instruments LMZ23608 Datasheet HTML 16Page - Texas Instruments LMZ23608 Datasheet HTML 17Page - Texas Instruments LMZ23608 Datasheet HTML 18Page - Texas Instruments LMZ23608 Datasheet HTML 19Page - Texas Instruments LMZ23608 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
LMZ23608
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
7.3.3 Output Overvoltage Protection
If the voltage at FB is greater than a 0.86-V internal reference, the output of the error amplifier is pulled toward
ground, causing VOUT to fall.
7.3.4 Current Limit
The LMZ23608 is protected by both low-side (LS) and high-side (HS) current limit circuitry. The LS current limit
detection is carried out during the OFF-time by monitoring the current through the LS synchronous MOSFET.
Referring to the Functional Block Diagram, when the top MOSFET is turned off, the inductor current flows
through the load, the PGND pin and the internal synchronous MOSFET. If this current exceeds 13 A (typical), the
current limit comparator disables the start of the next switching period. Switching cycles are prohibited until
current drops below the limit.
NOTE
DC current limit is dependent on duty cycle as illustrated in the graph in the Typical
Characteristics section.
The HS current limit monitors the current of top side MOSFET. Once HS current limit is detected (16 A typical) ,
the HS MOSFET is shutoff immediately, until the next cycle. Exceeding HS current limit causes VOUT to fall.
Typical behavior of exceeding LS current limit is that fSW drops to 1/2 of the operating frequency.
7.3.5 Thermal Protection
The junction temperature of the LMZ23608 must not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165°C (typical) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VOUT to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 150°C (typical hysteresis = 15°C)
the SS pin is released, VOUT rises smoothly, and normal operation resumes.
Applications requiring maximum output current especially those at high input voltage may require additional
derating at elevated temperatures.
7.3.6 Prebiased Start-Up
The LMZ23608 will properly start up into a prebiased output. This start-up situation is common in multiple rail
logic applications where current paths may exist between different power rails during the start-up sequence. The
following scope capture shows proper behavior in this mode. Trace one is Enable going high. Trace two is 1.8-V
prebias rising to 3.3 V. Trace three is the SS voltage with a CSS= 0.47 µF. Rise-time determined by CSS.
Figure 48. Prebiased Start-Up
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ23608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com