Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ23608 Datasheet(PDF) 26 Page - Texas Instruments

Part # LMZ23608
Description  LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ23608 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMZ23608 Datasheet HTML 22Page - Texas Instruments LMZ23608 Datasheet HTML 23Page - Texas Instruments LMZ23608 Datasheet HTML 24Page - Texas Instruments LMZ23608 Datasheet HTML 25Page - Texas Instruments LMZ23608 Datasheet HTML 26Page - Texas Instruments LMZ23608 Datasheet HTML 27Page - Texas Instruments LMZ23608 Datasheet HTML 28Page - Texas Instruments LMZ23608 Datasheet HTML 29Page - Texas Instruments LMZ23608 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
500
6
CA
Board Area_cm
2 &
°C x cm
2
W
.
6
CA <
125°C - 50°C
3.9 W
- 1.0 °C
W
< 18.23
°C
W
6
CA <
TJ-MAX ± TA-MAX
PIC_LOSS
- 6JC
LMZ23608
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Layout Examples (continued)
Figure 59. Bottom View of Evaluation PCB
10.3 Power Dissipation and Thermal Considerations
When calculating module dissipation use the maximum input voltage and the average output current for the
application. Many common operating conditions are provided in the characteristic curves such that less common
applications can be derived through interpolation. In all designs, the junction temperature must be kept below the
rated maximum of 125°C.
For the design case of VIN = 12 V, VOUT = 3.3 V, IOUT = 8 A, and TA-MAX = 50°C, the module must see a thermal
resistance from case to ambient (
θCA) of less than:
(15)
Given the typical thermal resistance from junction to case (
θJC) to be 1.0°C/W. Use the 85°C power dissipation
curves in the Typical Characteristics section to estimate the PIC-LOSS for the application being designed. In this
application it is 3.9 W.
(16)
To reach
θCA = 18.23, the PCB is required to dissipate heat effectively. With no airflow and no external heat-sink,
a good estimate of the required board area covered by 2-oz. copper on both the top and bottom metal layers is:
(17)
As a result, approximately 27.42 square cm of 2-oz. copper on top and bottom layers is the minimum required
area for the example PCB design. This is 5.23 × 5.23 cm (2.06 × 2.06 in) square. The PCB copper heat sink
must be connected to the exposed pad. For best performance, use approximately 100, 8 mil thermal vias spaced
59 mil (1.5 mm) apart connect the top copper to the bottom copper.
26
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ23608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com