Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D16NP-R26N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D16NP-R26N
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D16NP-R26N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D16NP-R26N Datasheet HTML 1Page - Sumida Corporation CDRH3D16NP-R26N Datasheet HTML 2Page - Sumida Corporation CDRH3D16NP-R26N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH3D16, CDRH3D16/HP, CDRH3D16/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification(CDRH3D16)
※
1 Rated current: The DC current at which the inductance decreases to 65% of it's nominal value
or when △t=30℃, whichever is lower(Ta=20℃).
◆
Specification(CDRH3D16/HP)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDRH3D16/HPNP-1R7N□
A
1.7±30%
51(41)
2.0
1.5
2.40
CDRH3D16/HPNP-2R2N□
C
2.2±30%
59(47)
1.75
1.3
2.30
CDRH3D16/HPNP-3R3N□
E
3.3±30%
85(68)
1.4
1.1
1.80
CDRH3D16/HPNP-4R7N□
G
4.7±30%
116(93)
1.2
0.9
1.50
CDRH3D16/HPNP-6R8N□
J
6.8±30%
180(145)
1.0
0.72
1.10
CDRH3D16/HPNP-1ØØM□
L
10±20%
230(185)
0.84
0.62
1.00
CDRH3D16/HPNP-15ØM□
N
15±20%
410(328)
0.65
0.52
0.75
CDRH3D16/HPNP-22ØM□
P
22±20%
610(488)
0.55
0.43
0.52
CDRH3D16/HPNP-33ØM□
Q
33±20%
870(695)
0.46
0.35
0.41
Part Name
※
Stamp
Inductance
(μH)
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated
current
(mA) ※1
CDRH3D16NP-R26N□
R
0.26±35%
27.5(21)
3600
CDRH3D16NP-R47N□
S
0.47±35%
35( 27)
2750
CDRH3D16NP-ØR7N□
T
0.70±35%
43( 33)
2250
CDRH3D16NP-1R1N□
U
1.10±35%
50( 38)
1900
CDRH3D16NP-1R5N□
A
1.50±30%
52( 40)
1550
CDRH3D16NP-2R2N□
C
2.20±30%
72( 55)
1200
CDRH3D16NP-3R3N□
E
3.30±30%
85( 65)
1100
CDRH3D16NP-4R7N□
G
4.70±30%
105( 80)
900
CDRH3D16NP-6R8N□
I
6.80±30%
170(130)
730
CDRH3D16NP-1ØØN□
K
10.0±30%
210(160)
550
CDRH3D16NP-15ØN□
M
15.0±30%
295(225)
450
CDRH3D16NP-22ØN□
O
22.0±30%
430(330)
400
CDRH3D16NP-33ØN□
Q
33.0±30%
675(520)
320



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com